Part Number Hot Search : 
SGM3110 SMV1812A P2600 K1205 ALDL190G AS630 STYN855 ST2222
Product Description
Full Text Search
 

To Download W15C-12S51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W15C SERIES DC/DC MODULES
MODEL NUMBER W15C-12S5 W15C-12S5.1 W15C-12S12 W15C-12S15 W15C-12D12 W15C-12D15 W15C-12D5 W15C-12D5.1 W15C-12S3.3 W15C-24S5 W15C-24S5.1 W15C-24S12 W15C-24S15 W15C-24D12 W15C-24D15 W15C-24D5 W15C-24D5.1 W15C-24S3.3 W15C-48S5 W15C-48S5.1 W15C-48S12 W15C-48S15 W15C-48D12 W15C-48D15 W15C-48D5 W15C-48D5.1 W15C-48S3.3 INPUT VOLTAGE 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC OUTPUT VOLTAGE 5 VDC 5.1 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 5.1 VDC 3.3 VDC 5 VDC 5.1 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 5.1 VDC 3.3 VDC 5 VDC 5.1 VDC 12 VDC 15 VDC 12 VDC 15 VDC 5 VDC 5.1VDC 3.3 VDC OUTPUT CURRENT 3000mA 2940mA 1250mA 1000mA 625mA 500mA 1500mA 1470mA 3000mA 3000mA 2940mA 1250mA 1000mA 625mA 500mA 1500mA 1470mA 3000mA 3000mA 2940mA 1250mA 1000mA 625mA 500mA 1500mA 1470mA 3000mA INPUT CURRENT NO LOAD FULL LOAD 20mA 1582mA 20mA 1582mA 20mA 1524mA 20mA 1524mA 30mA 1506mA 30mA 1506mA 30mA 1543mA 30mA 1543mA 20mA 20mA 20mA 20mA 20mA 25mA 25mA 25mA 25mA 20mA 15mA 15mA 15mA 15mA 20mA 20mA 20mA 20mA 15mA 1086mA 780mA 780mA 762mA 762mA 755mA 755mA 772mA 772mA 543mA 391mA 391mA 377mA 377mA 377mA 377mA 381mA 381mA 271mA % EFF. 79 79 82 82 83 83 81 81 76 80 80 82 82 83 83 81 81 76 80 80 83 83 83 83 82 82 76 CASE W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C W15C
* Servers, Switches and Data Storage * Wireless Communications * Distributed Power Architecture * Semiconductor Test Equipment
Applications
* Networking Gear * Data Communications * Telecommunications * Industrial / Medical
The W15C Families of high efficiency DC/DC converters offer power levels of up to 15 Watt, which exceeds that of other bricks with the same Industry-Standard Pinouts, while providing much smaller footprints. With a wide input voltage range and single and multi-outputs, ranging from 3.3 to 15 Volts, these converters provide versatility without sacrificing the board space. All models feature an input filter, input undervoltage lockout, output current limiting and short circuit protection. The fully enclosed, encapsulated construction achieves very efficient heat transfer with no hot spots. All converters combine creative design practices with highly derated power devices to achieve very high reliability, high performance and low cost solution to systems designers.
Approval Pending
Specifications & Features Summary
* 500V, 10M input-to-output isolation * No airflow or heatsink required * Efficiency up to 83% * Six Sided Continuous Shield * 2:1 Input Range * Pi Input Filter * Continuous Short Circuit Protection * Meets EN55022 Class A, Conducted * Remote On/Off Option
Pin # 1 2 3 4 5 6 W15C S(ingle) +Vin -Vin +Vout NP / Trim Option Vout NP / Remote Option
W15C D(ual) +Vin -Vin +Vout Common Vout - NP / Remote Option
Tolerances Inches * XX 0.040 * XXX 0.010
Input Specifications Input Voltage Range Input Filter Output Specifications Voltage Accuracy Single Output Voltage Accuracy Dual+Output Voltage Accuracy Dual-Output Voltage Balance Dual Ouptut at Full Load Transient Response Single 25% Step Load Change Dual FL. 1/2 +/- 1% Error Band Ripple and Noise. 20MHz BW Terperature Coefficient Short Circuit Protection Line Regulation1 Single Dual/Output Load Regulation2 Single Dual/Output General Specifications Efficiency Isolation Voltage Isolation Resistance Switching Frequency Operating Temperature Range Case Temperature Cooling Storage Temperature Range EMI / RFI Dimensions Case Material
12V----------9-18V 24V--------18-36V 48V--------36-72V Pi Type +/-1.0% max. +/-1.0% max. +/-1.0% max. +/-1.0% max. <500u sec. <500u sec. 75mV p-p max. +/-0.02% /oC max. Continuous +/-0.2% max. +/-1.0% max See Table 500VDC 109 ohms 300KHz min. -25oC to +71oC 100oC max. Free-Air Convection -40oC to +100oC Six sided Continuous Shield 2X1X0.4 Inches (50.8 x 25.4 x 10.2 mm) Black Coated Copper with Non-Conductive Base
0.40 [10.20] 0.20 [5.10] 0.30 [7.60]
BOTTOM VIEW 3
1 2 6 4
0.40 [10.16] 0.80 [20.32] 1.00 [25.40]
5
0.80 [20.32] 2.00 [50.8] 0.10 [2.54]
0.60 [15.2]
0.22 min. [5.68]
SIDE VIEW
0.40 [10.2]
Notes: 1. 2. Options: 1.
All dimensions are in inches [mm] All pins are dia. 0.040 [1.02]
Measured From High Line to Low Line Measured From Full Load to 1/4 Load
Add Suffix "R" to the Model Number with Remote On/Off Remote On/Off Control : Logic Compatibility COMS or Open Collector TTL Converter-ON >+5.5VDC or Open Circuit Converter-OFF < 1.8 VDC Control Common Referenced to Input Minus 2. Add Suffix "T" to the Model Number for Output voltage adjustable External Trim Adj. Range > 10%, Single Output Only
Typical at Ta= +25 C under nominal line voltage and full load conditions, unless noted. The information and specifications contained in this brief are believed to be accurate and reliable at the time of publication. Specifications are subject to change without notice. Refer to product specification sheet for performance characteristics and application guidelines.
Consult factory for hundreds of other available input/output voltage configurations.
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015 Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. C
*
*


▲Up To Search▲   

 
Price & Availability of W15C-12S51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X